Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
 

To Download LCC10-14BWH-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wire range taking capability designed to terminate #14 ? #10 awg stranded and #12 ? #10 awg solid copper code conductors offers a single lug to terminate a range of conductor sizes, resulting in lower inventory costs inspection window permits viewing of cable placement inside the barrel allows for visual verification of proper cable insertion before and after crimping electro tin plated provides corrosion resistance provides for long term, durable terminations copper compression lugs for terminating #14 ? #10 awg copper conductors everywhere y everywhere y ou need us! ou need us! panduit ? offers copper compression lugs for terminating #14 ? #10 awg copper conductors. the lugs are available in standard and long barrel lengths, offered with one or two mounting holes, in straight, 45 and 90 bent configurations. these lugs can be crimped with a wide variety of panduit ? crimp tools for ul listed and csa certified terminations. building on the existing line of lugs for #8 awg ? 1000 kcmil, panduit ? copper compression lugs meet the requirements of virtually any application. seamless copper tubing features, advantages and benefits eliminates split seams when crimped, providing a tongue with double material thickness provides terminations with premium electrical performance and mechanical strength ul listed and csa certified electrical terminations meets the standards of independent safety testing organization: underwriters laboratories, inc. and canadian standards association provides reliable, high quality electrical terminations electrical group
panduit ? copper compression lugs for #14 - #10 awg code conductors bolt hole size (in.) p p a a n n d d u u i i t t ? crimp tools* fig. # 1 2 3 type lcb-w one hole lug, long barrel copper lugs, for copper code conductors only p p a a n n d d u u i i t t ? part number copper conductor size a w g std. pkg. qty. 50 50 50 1/4 1.30 .42 .25 lcb10-14w-l 1/4 .94 .42 .25 lcb10-14wh-l 1/4 1.15 .42 .25 lcb10-14wf-l dimensions (in.) ? choose type lca one-hole or type lcd two-hole lugs with standard barrel length (#14 ? #10 awg lugs), to meet minimum space requirements. ? choose type lcb-w one-hole or type lcc-w two-hole lugs with long barrel length (#14 ? #10 awg lugs), which allows multiple crimps for premium wire pull-out strength. order the number of pieces required in multiples of standard package quantity. * two crimps required. straight tongue (fig. 1) 45 angle tongue (fig. 2) 90 angle tongue (fig. 3) inspection window a w g inspection window a 45? inspection window 90? a #14 ? #10 awg stranded #12 ? #10 awg solid ct-1570, ct-1701, ct-100, ct-200 p p a a n n d d u u i i t t ? part number bolt hole size (in.) copper conductor size fig. # a w g p p a a n n d d u u i i t t ? crimp tools* #10 #10 #10 3 2 1 1 2 3 1 1 .85 1.06 .96 .38 .38 .38 .23 .23 .23 std. pkg. qty. lca10-10f-l lca10-10-l lca10-10h-l 1/4 1.15 .42 .25 lca10-14-l 1/4 1.05 .42 .25 lca10-14h-l 1/4 .94 .42 .25 lca10-14f-l 5/16 1.27 .54 .32 lca10-56-l 3/8 1.37 .56 .36 lca10-38-l dimensions (in.) #14 ? #10 awg stranded #12 ? #10 awg solid type lca one hole lug, standard barrel copper lugs, for copper code conductors only order the number of pieces required in multiples of standard package quantity. * one crimp required. straight tongue (fig. 1) 45 angle tongue (fig. 2) 90 angle tongue (fig. 3) inspection window a w g inspection window a 45? inspection window 90? a 50 50 50 50 50 50 50 50 ct-1570, ct-1701, ct-100, ct-200
inspection window 90? a panduit ? copper compression lugs for #14 - #10 awg code conductors type lcc-w two hole lug, long barrel copper lugs, for copper code conductors only type lcd two hole lug, standard barrel copper lugs, for copper code conductors only p p a a n n d d u u i i t t ? part number copper conductor size a w g s std. pkg. qty. 50 50 50 50 50 50 50 50 50 50 50 #10 1.70 .38 .23 .62 lcd10-10a-l #10 1.48 .38 .23 .62 lcd10-10-ah-l #10 1.67 .38 .23 .62 lcd10-10af-l 1/4 1/4 1/4 1/4 1/4 3/8 3/8 3/8 1.79 .42 .25 .62 lcd10-14a-l 1.57 .42 .25 .62 lcd10-14ah-l 1.76 .42 .25 .62 lcd10-14af-l 1.91 .42 .25 .75 lcd10-14b-l 2.16 .42 .25 1.00 lcd10-14d-l 2.38 .56 .36 1.00 lcd10-38d-l 2.16 .56 .36 1.00 lcd10-38dh-l 2.35 .56 .36 1.00 lcd10-38df-l dimensions (in.) #14 ? #10 awg stranded #12 ? #10 awg solid p p a a n n d d u u i i t t ? part number copper conductor size a w g s std. pkg. qty. 50 50 50 50 50 50 1/4 1.93 .42 .25 .62 lcc10-14aw-l 1/4 1.57 .42 .25 .62 lcc10-14awh-l 1/4 1.77 .42 .25 .62 lcc10-14awf-l 1/4 2.05 .42 .25 .75 lcc10-14bw-l 1/4 1.69 .42 .25 .75 LCC10-14BWH-L 1/4 1.89 .42 .25 .75 lcc10-14bwf-l dimensions (in.) #14 ? #10 awg stranded #12 ? #10 awg solid order the number of pieces required in multiples of standard package quantity. * two crimps required. order the number of pieces required in multiples of standard package quantity. * one crimp required. straight tongue (fig. 1) 45 angle tongue (fig. 2) 90 angle tongue (fig. 3) inspection window a w g s inspection window a 45? straight tongue (fig. 1) 45 angle tongue (fig. 2) 90 angle tongue (fig. 3) inspection window a w g s inspection window a 45? inspection window 90? a t bolt hole size (in.) bolt hole size (in.) p p a a n n d d u u i i t t ? crimp tools* p p a a n n d d u u i i t t ? crimp tools* ct-1570, ct-1701, ct-100, ct-200 ct-1570, ct-1701, ct-100, ct-200 fig. # 1 2 3 1 2 3 1 1 1 2 3 fig. # 1 2 3 1 2 3
panduit crimp tools controlled cycle mechanism ergonomic cushioned grips low handle effort integrated 5 position rotary crimp die crimps #14 ? #10 awg non-insulated copper lugs crimps #10 ? #2 awg non-insulated terminals 2-year warranty controlled cycle mechanism ergonomic cushioned grips low handle effort integrated 3-pocket crimp die crimps #14 ? #10 awg non-insulated copper lugs crimps #22 ? #10 awg non-insulated terminals and disconnects 2-year warranty crimps insulated and multi-use non-insulated connectors #22 ? #10 awg cuts wire #10 awg, cuts bolts #10 ? #4, strips wire #22 ? #10 awg 90-day warranty crimps insulated and multi-use, non-insulated connectors #22 ? #10 awg cuts wire #10 awg 90-day warranty ct-1701 c ontour c rimp ? tool ct-1570 c ontour c rimp ? tool ct-100 plier type tool ct-200 plier type tool panduit ? offers a broad line of power connectors and tools for virtually any application in sizes from #22 awg ? 1000 kcmil. the full offering includes copper, aluminum, compression and mechanical connectors for use in power and grounding applications. s s a a - - p p c c c c b b 0 0 1 1 3/2004 f f o o r r m m o o r r e e i i n n f f o o r r m m a a t t i i o o n n o o r r t t o o r r e e q q u u e e s s t t a a c c a a t t a a l l o o g g 8 8 0 0 0 0 - - 7 7 7 7 7 7 - - 3 3 3 3 0 0 0 0 c c s s @ @ p p a a n n d d u u i i t t . . c c o o m m www.panduit.com panduit ? canada markham, ontario phone: 800.777.3300 panduit ? europe ltd. london, uk phone: 44.208.601.7200 panduit ? japan tokyo, japan phone: 81.3.3767.7011 panduit ? asia pacific pte. ltd. republic of singapore phone: 65.6379.6700 panduit ? australia pty. ltd. victoria, australia phone: 61.3.9794.9020 panduit ? latin america jalisco, mexico phone: 52.333.666.2501 worldwide subsidiaries and sales offices ? panduit corp. all rights reserved printed in u.s.a . tinley park, illinois 60477-3091 electrical group


▲Up To Search▲   

 
Price & Availability of LCC10-14BWH-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X